Part Number Hot Search : 
ER106 AQZ102D TGT20 2SB64 TZ630N EF9365 EF9365 TPC6108
Product Description
Full Text Search
 

To Download VFR2510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
25 Amp PLASTIC FAST RECOVERY SILICON AUTOMOTIVE RECTIFIERS
Mechanical Dimensions
FR2500 .395 FR2500S .337 Leads 1.00 typ. .05 Dia.
VFR2501 . . . 2510 Series
Description
.220 .242 .175
Features
n LOW COST n HIGH SURGE CAPABILITY n DIFFUSED JUNCTION n LOW LEAKAGE CURRENT n VERY FAST RECOVERY TIME (tRR) n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) TA = 55C (Note 3) Repetitive Peak Forward Surge Current...IFM @ Rated VR, Square Wave, 20 KHZ, TC = 150C
VFR2501 . . . 2510 Series VFR2501 VFR2502 100 70 100 200 140 200 VFR2503 300 210 300 VFR2504 VFR2506 VFR2508 VFR2510 400 280 400 600 420 600 800 560 800 1000 700 1000
Units
Volts Volts Volts Amps Amps Amps
............................................. 25 ............................................... ............................................. 30 ...............................................
Non-Repetitive Peak Forward Surge Current...IFSM ............................................. 300 ............................................... @ Rated Load Conditions, 1/2 Wave, Single Phase, 60 HZ Forward Voltage...VF @ IF = 15 Amps, PW = 300 S, TC = 150C TC = 25C DC Reverse Current...IR @ Rated DC Blocking Voltage TC = 150C TC = 25C Typical Reverse Recovery Time...tRR IF = 1.0 Amp, di/dt = 50 Amps/S Operating & Storage Temperature Range...TJ, TSTRG < ..................... 0.880 ................. > < ...... 1.12 ...... > <1.34 > < ..................... 0.975 ................. > < ...... 1.3 ...... > <1.5 > ............................................. 500 ............................................... ............................................. 10 ............................................... < ............... 150 ............. > < ............... 200 ............... >
Volts Volts Amps Amps nS C
......................................... -65 to 175 ..........................................
Page 2-8
Data Sheet
25 Amp PLASTIC FAST RECOVERY SILICON AUTOMOTIVE RECTIFIERS
Typical Junction Capacitance
1000 500 200 100 50 pF
10 .1
100 10 1 Reverse Voltage (Volts) F = 1 MHZ VSIG = 50 Vpp TJ = 25 C Forward Current Derating Curve 60 50 40 Amps 30 20 10
10 5 Single Phase 1/2 Wave Res. or Ind. Load
1000 500 200 100 50 Amps
Non-Repetitive Peak Forward Surge Current
TJ = 25C TJ = 150C
20
10 .1
Capacitive Load IPK/AV = 5, 10 & 20
1 10 Number of Cycles @ 60 HZ Typical Reverse Characteristics 10 1
TJ = 100C
100
0
25
5 0 7 5 100 125 150 175 Lead Temperature (C)
Typical Instantaneous Forward Characteristics 1000
100
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load.
Amps
.1
Amps
10 1
.01 .001
TJ = 25C
40
80
120
Percent of Rated Peak Voltage
.1
TJ = 150C
PW = 300 uS
.6 .9 1.1 1.4 1.7 2.0 2.3 2.6
Volts
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance Junction to Ambient, Jedec Method. 3. When Mounted to heat sink, from body.
For Capacitive Load, Derate Current by 20%.
Page 2-9
VFR2501 . . . 2510 Series


▲Up To Search▲   

 
Price & Availability of VFR2510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X